Part Number Hot Search : 
8201XA SB860 561KD10 SN741 30100 IN145408 87832 AWT62
Product Description
Full Text Search
 

To Download ATR0808 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* * * * * * * * * * * * *
Current-controlled Output Current Source with 3 Input Channels Two Selectable Outputs for Grounded Laser Diodes Output Current per Write Channel: 350 mA Total Output Current: 500 mA 200 W Channel Input Resistance On-chip RF Oscillator Control of Two Different Swings by Use of Two External Resistors Oscillator Frequency Range from 200 MHz to 500 MHz Oscillator Swing: 100 mA Single 5 V Power Supply Common Enable/Disable Input TTL/CMOS Control Signals Small Pb-free QFN16 (4 mm x 4 mm) or SSO16 Package
Applications
* * * *
DVD-ROM with CD-RW Capability DVD+RW with CD-RW Capability DVD-RW with CD-RW Capability Writable Optical Drives
Three Channel Laser Driver with RF Oscillator and Two Outputs ATR0808 (Summary)
Description
The ATR0808 is a laser diode driver for the operation of two different grounded laser diodes for DVD-RW/DVD+RW (650 nm) and CD-RW (780 nm). It includes three channels for three different optical power levels which are controlled by a separate IC. The read channel generates a continuous output level, whereas the channels 2 and 3 are provided as write channels with very fast switching speeds. Write current pulses are enabled when a low signal is applied to the NE pins. All channels are summed together and switched to one of the two IOUTA or IOUTB outputs by the select input SELA. Each write channel (channel 2 and 3) can contribute up to 350 mA to the total output current, up to 500 mA. The read channel can contribute up to 150 mA. Total gains of 100 (read channel), 250 (channel 2 and 3) are provided between each reference current input and the selected output. Although, the reference inputs are current inputs, voltage control is possible by using external resistors. An on-chip RF oscillator is provided to reduce laser mode hopping noise during read mode. Swing can be set independently for the two selectable outputs with two different resistors. Oscillation is enabled by a high signal at the ENOSC pin. Complete output current and oscillator switch-off is achieved by a low signal at the ENABLE input.
Rev. 4724AS-DVD-06/03
1
Figure 1. Block Diagram
I3 NE3
Channel 3 IOUTA IOUTB Channel 2
I2 NE2
IR ENABLE
Read channel
ENOSC
RF oscillator
RF RSA RSB
SELA
2
ATR0808
4724AS-DVD-06/03
ATR0808
Pin Configuration SSO16
Figure 2. Pinning SSO16
IR I2 I3 RF NE2 NE3 ENABLE ENOSC 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VCC1 IOUTA GND RSA RSB IOUTB SELA VCC2
Pin Description
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Symbol IR I2 I3 RF NE2 NE3 ENABLE ENOSC VCC2 SELA IOUTB RSB RSA GND IOUTA VCC1 Type Analog Analog Analog Analog Digital Digital Digital Digital Supply Digital Analog Analog Analog Supply Analog Supply Function Input current, bias voltage approximately GND Input current, bias voltage approximately GND Input current, bias voltage approximately GND External resistor to GND sets frequency of oscillator Digital control of channel 2 (low active) Digital control of channel 3 (low active) Enables output current (high active) Enables RF oscillator (high active) +5 V power supply for IOUT High: selects IOUTA, RSA Low: selects IOUTB, RSB Output current source B for laser diode External resistor to GND sets swing of oscillator B External resistor to GND sets swing of oscillator A Ground Output current source A for laser diode +5 V power supply for IOUT and circuit
3
4724AS-DVD-06/03
Pin Configuration QFN16
Figure 3. Pinning QFN16
I3 RF NE2 NE3
1 2 3 4
16 15 14 13 12 11 10 9 5678 ENABLE ENOSC VCC2 SELA
I2 IR VCC1 IOUTA GND RSA RSB IOUTB
Pin Description
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Paddle Symbol I3 RF NE2 NE3 ENABLE ENOSC VCC2 SELA IOUTB RSB RSA GND IOUTA VCC1 IR I2 GND Type Analog Analog Digital Digital Digital Digital Supply Digital Analog Analog Analog Supply Analog Supply Analog Analog Supply Function Input current, bias voltage approximately GND External resistor to GND sets frequency of oscillator Digital control of channel 2 (low active) Digital control of channel 3 (low active) Enables output current (high active) Enables RF oscillator (high active) +5 V power supply for IOUT High: selects IOUTA, RSA Low: selects IOUTB, RSB Output current source B for laser diode External resistor to GND sets swing of oscillator B External resistor to GND sets swing of oscillator A Ground Output current source A for laser diode +5 V power supply for circuit Input current, bias voltage approximately GND Input current, bias voltage approximately GND Ground
4
ATR0808
4724AS-DVD-06/03
ATR0808
Absolute Maximum Ratings
Parameters Supply voltage Input voltage at any input Power dissipation Output voltage Junction temperature Storage temperature Notes: 1. RthJA 115 K/W at Tamb = 70C 2. RthJA 115 K/W at Tamb = 25C Symbol VCC Vin Pmax Vout Tj Tstg Value -0.5 to +6.0 -0.5 to VCC +0.5 0.7
(1)
Unit V V W V C C
to 1
(2)
-0.5 to VCC -1 150 -65 to +125
Thermal Resistance
Parameters Junction ambient Notes: Symbol RthJA Value 115
(1)
Unit K/W
1. Measured with multi-layer test board (JEDEC standard)
Recommended Operating Conditions
Parameters Supply voltage Input current External resistor to GND to set oscillator frequency External resistor to GND to set oscillator swing Operating temperature range Symbol VCC IIR, II2, II3 RF RSA, RSB Tamb Value 4.5 to 5.5 IIR < 2.0, II2 = II3 < 1.5 >3 >1 0 to +70 Unit V mA kW kW C
5
4724AS-DVD-06/03
Ordering Information
Extended Type Number ATR0808-TCQ ATR0808-PEG Package SSO16 Pb-free QFN16 (4 mm x 4 mm) Remarks Taped and reeled Taped and reeled
Package SSO16
6
ATR0808
4724AS-DVD-06/03
ATR0808
Package QFN16 (4 mm x 4 mm)
7
4724AS-DVD-06/03
Atmel Headquarters
Corporate Headquarters
2325 Orchard Parkway San Jose, CA 95131 TEL 1(408) 441-0311 FAX 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131 TEL 1(408) 441-0311 FAX 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany TEL (49) 71-31-67-0 FAX (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 TEL 1(719) 576-3300 FAX 1(719) 540-1759
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland TEL (41) 26-426-5555 FAX (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131 TEL 1(408) 441-0311 FAX 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France TEL (33) 2-40-18-18-18 FAX (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France TEL (33) 4-76-58-30-00 FAX (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimhatsui East Kowloon Hong Kong TEL (852) 2721-9778 FAX (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France TEL (33) 4-42-53-60-00 FAX (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 TEL 1(719) 576-3300 FAX 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland TEL (44) 1355-803-000 FAX (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan TEL (81) 3-3523-3551 FAX (81) 3-3523-7581
e-mail
literature@atmel.com
Web Site
http://www.atmel.com
(c) Atmel Corporation 2003. Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life support devices or systems.
Atmel (R) is the registered trademark of Atmel. Other terms and product names may be the trademarks of others. Printed on recycled paper.
4724AS-DVD-06/03 xM


▲Up To Search▲   

 
Price & Availability of ATR0808

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X